Part Number Hot Search : 
6123C54 NSVS802 EPF8025G NTE1974 P3V9FB2 STLC5466 DF005 H1200
Product Description
Full Text Search
 

To Download BAT43WS-SOD-323 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-323 Plastic-Encapsulate Diodes
BAT42WS/BAT43WS
FEATURES SCHOTTKY DIODES
SOD-323
+
-
MARKING:
BAT42WS S7 BAT43WS S8
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter Peak Repetitive Peak reverse voltage Working Peak DC Blocking Voltage Symbol VRRM VRWM VR VR(RMS) IFM IFRM IFSM Pd RJA TSTG 21 200 500 4.0 200 625 -55~+125 V mA mA A mW K/W 30 V BAT42WS/BAT43WS Unit
RMS Reverse Voltage Forward Continuous Current Repetitive Peak Forward Current@t<1.0s Peak forward surge current @<10ms Power Dissipation Thermal Resistance Junction to Ambient Storage temperature
Electrical Ratings @TA=25
Parameter Reverse Breakdown Voltage All Types BAT42WS Forward voltage BAT42WS BAT43WS BAT43WS Reverse current Capacitance between terminals Reverse Recovery Time Symbol V (BR)R VF VF VF VF VF IR CT trr 0.26 Min. 30 1.0 0.4 0.65 0.33 0.45 0.5 10 5 Typ. Max. Unit V V V V V V A pF ns Conditions IR=100A IF=200mA IF=10mA IF=50mA IF=2mA IF=15mA VR=25V VR=1.0V,f=1.0MHz IF=IR=10mA Irr=0.1XIR,RL=100
Typical Characteristics
BAT42WS/BAT43WS


▲Up To Search▲   

 
Price & Availability of BAT43WS-SOD-323

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X